Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 464Page - Renesas Technology Corp H8S/2426R Datasheet HTML 465Page - Renesas Technology Corp H8S/2426R Datasheet HTML 466Page - Renesas Technology Corp H8S/2426R Datasheet HTML 467Page - Renesas Technology Corp H8S/2426R Datasheet HTML 468Page - Renesas Technology Corp H8S/2426R Datasheet HTML 469Page - Renesas Technology Corp H8S/2426R Datasheet HTML 470Page - Renesas Technology Corp H8S/2426R Datasheet HTML 471Page - Renesas Technology Corp H8S/2426R Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 440 of 1270
REJ09B0466-0100
8.4.11
Examples of Operation Timing in Each Mode
(1)
Auto Request/Cycle Steal Mode/Normal Transfer Mode
When the EDA bit is set to 1 in EDMDR, an EXDMA transfer cycle is started a minimum of three
cycles later. There is a one-cycle bus release interval between the end of a one-transfer-unit
EXDMA cycle and the start of the next transfer.
If there is a transfer request for another channel of higher priority, the transfer request by the
original channel is held pending, and transfer is performed on the higher-priority channel from the
next transfer. Transfer on the original channel is resumed on completion of the higher-priority
channel transfer.
Figures 8.28 to 8.30 show operation timing examples for various conditions.
φ pin
ETEND
Bus cycle
CPU
operation
EDA bit
EXDMA
read
EDA = 1
write
0
0
1
EXDMA
write
EXDMA
read
EXDMA
write
EXDMA
read
EXDMA
write
3 cycles
1 cycle
Last transfer cycle
Internal bus space
cycles
Bus release
Bus
release
Bus
release
Figure 8.28 Auto Request/Cycle Steal Mode/Normal Transfer Mode
(No Contention/Dual Address Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com