Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 470 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 470 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 466Page - Renesas Technology Corp H8S/2426R Datasheet HTML 467Page - Renesas Technology Corp H8S/2426R Datasheet HTML 468Page - Renesas Technology Corp H8S/2426R Datasheet HTML 469Page - Renesas Technology Corp H8S/2426R Datasheet HTML 470Page - Renesas Technology Corp H8S/2426R Datasheet HTML 471Page - Renesas Technology Corp H8S/2426R Datasheet HTML 472Page - Renesas Technology Corp H8S/2426R Datasheet HTML 473Page - Renesas Technology Corp H8S/2426R Datasheet HTML 474Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 470 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 442 of 1270
REJ09B0466-0100
(2)
Auto Request/Burst Mode/Normal Transfer Mode
When the EDA bit is set to 1 in EDMDR, an EXDMA transfer cycle is started a minimum of three
cycles later. Once transfer is started, it continues (as a burst) until the transfer end condition is
satisfied.
If the BGUP bit is 1 in EDMDR, the bus is transferred in the event of a bus request from another
bus master.
Transfer requests for other channels are held pending until the end of transfer on the current
channel.
Figures 8.31 to 8.34 show operation timing examples for various conditions.
φ pin
ETEND
Bus cycle
CPU
operation
EDA bit
EXDMA
read
EXDMA
write
EXDMA
read
EXDMA
write
EXDMA
read
EXDMA
write
External
space
External
space
External
space
0
1
Repeated
Last transfer cycle
CPU cycle CPU cycle
CPU cycle
Figure 8.31 Auto Request/Burst Mode/Normal Transfer Mode
(CPU Cycles/Dual Address Mode/BGUP = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com