Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 526 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 522Page - Renesas Technology Corp H8S/2426R Datasheet HTML 523Page - Renesas Technology Corp H8S/2426R Datasheet HTML 524Page - Renesas Technology Corp H8S/2426R Datasheet HTML 525Page - Renesas Technology Corp H8S/2426R Datasheet HTML 526Page - Renesas Technology Corp H8S/2426R Datasheet HTML 527Page - Renesas Technology Corp H8S/2426R Datasheet HTML 528Page - Renesas Technology Corp H8S/2426R Datasheet HTML 529Page - Renesas Technology Corp H8S/2426R Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 498 of 1270
REJ09B0466-0100
Notes: 1. Not supported in the H8S/2426 Group.
2. Not supported in the 145-pin package.
3. Supported only in the 145-pin package.
Table 10.2
Port Functions of H8S/2424 Group
Mode 7
Port
Description
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Input/
Output Type
Port 1 General I/O port also
functioning as PPG
outputs,
TPU I/Os,
DMAC I/Os, and
SSU I/Os
P17/PO15/TIOCB2/TCLKD/
SCS0-A
P16/PO14/TIOCA2/SSCK0-A
P15/
DACK1/PO13/TIOCB1/TCLKC/SSI0-A
P14/
DACK0/PO12/TIOCA1/SSO0-A
P13/
TEND1/PO11/TIOCD0/TCLKB
P12/
TEND0/PO10/TIOCC0/TCLKA
P11/
DREQ1/PO9/TIOCB0
P10/
DREQ0/PO8/TIOCA0
Schmitt-triggered
inputs.
Open-drain output
capability.
P27/PO7/TIOCB5/SCL2
P26/PO6/TIOCA5/SDA2/
ADTRG1
P25/
WAIT-B/PO5-A/TIOCB4-A/TMO1-A
P25/PO5-A/TIOCB4-A/
TMO1-A
Port 2 General I/O port also
functioning as PPG
outputs,
TPU I/Os, SCI I/Os,
TMR I/Os, I
2C I/Os,
A/D converter
inputs, and bus
control signal I/Os
P24/PO4-A/TIOCA4-A/TMO0-A/RxD4-A
P23/PO3-A/TIOCD3-A/TMCI1-A/TxD4-A
P22/PO2-A/TIOCC3-A/TMCI0-A
P21/PO1-A/TIOCB3-A/TMRI1-A
P20/PO0-A/TIOCA3-A/TMRI0
Schmitt-triggered
inputs.
Open-drain output
capability.
5-V tolerance.
P35/
OE-B/SCK1/SCL0
P35/SCK1/SCL0
Port 3 General I/O port also
functioning as SCI
I/Os, I
2C I/Os, and
bus control signal
I/Os
P34/SCK0/SCK4-A/SDA0
P33/RxD1/SCL1
P32/RxD0/IrRxD/SDA1
P31/TxD1
P30/TxD0/IrTxD
Open-drain output
capability.
Only P32 to P35
are Schmitt-
triggered inputs
when used as I
2C
inputs.
P32 to P35 have
5-V tolerance.
Port 4 General I/O port also
functioning as A/D
converter analog
inputs and interrupt
inputs
P47/
IRQ7-B/AN7_0
P46/
IRQ6-B/AN6_0
P45/
IRQ5-B/AN5_0
P44/
IRQ4-B/AN4_0
P43/
IRQ3-B/AN3_0
P42/
IRQ2-B/AN2_0
P41/
IRQ1-B/AN1_0
P40/
IRQ0-B/AN0_0
Schmitt-triggered
inputs when used
as IRQ inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com