Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 527 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 527 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 523Page - Renesas Technology Corp H8S/2426R Datasheet HTML 524Page - Renesas Technology Corp H8S/2426R Datasheet HTML 525Page - Renesas Technology Corp H8S/2426R Datasheet HTML 526Page - Renesas Technology Corp H8S/2426R Datasheet HTML 527Page - Renesas Technology Corp H8S/2426R Datasheet HTML 528Page - Renesas Technology Corp H8S/2426R Datasheet HTML 529Page - Renesas Technology Corp H8S/2426R Datasheet HTML 530Page - Renesas Technology Corp H8S/2426R Datasheet HTML 531Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 499 of 1270
REJ09B0466-0100
Mode 7
Port
Description
Mode 1
Mode 2
Mode 4
EXPE = 1
EXPE = 0
Input/
Output Type
P53/
IRQ3-A /ADTRG0-A
P52/
BACK-B/IRQ2-A /PO4-B/TIOCA4-B/TMO0-B/
SCK2
P52/
IRQ2-A/PO4-B/
TIOCA4-B/TMO0-B/
SCK2
P51/
BREQ-B/IRQ1-A/PO2-B/TIOCC3-B/TMCI0-B/
RxD2/SCL3
P51/
IRQ1-A/PO2-B/
TIOCC3-B/TMCI0-B/
RxD2/SCL3
Port 5 General I/O port also
functioning as
interrupt inputs,
A/D converter
inputs, SCI I/Os,
PPG outputs, TPU
I/Os, TMR I/Os,
I
2C I/Os, and bus
control signal I/Os
P50/
BREQO-B/IRQ0-A/PO0-B/TIOCA3-B/TMRI0-B/
TxD2/SDA3
P50/
IRQ0-A/PO0-B/
TIOCA3-B/TMRI0-B/
TxD2/SDA3
Schmitt-triggered
inputs when used
as IRQ inputs.
Only P50 and P51
are Schmitt-
triggered inputs
when used as I
2C
inputs.
Open-drain output
capability.
Only P50 to P52
are Schmitt-
triggered inputs
when used as
TPU inputs.
Only P50 and P51
are Schmitt-
triggered inputs
when used as 8-
bit timer inputs.
P50 and P51 have
5-V tolerance.
Port 8 General I/O port also
functioning as PPG
outputs,
TPU I/Os,
TMR I/Os, and
SCI I/Os
P85/PO5-B/TIOCB4-B/TMO1-B/SCK3
P83/PO3-B/TIOCD3-B/ TMCI1-B/RxD3
P81/PO1-B/TIOCB3-B/ TMRI1-B/TxD3
Open-drain output
capability.
Only P81, P83,
and P85 are
Schmitt-triggered
inputs when used
as TPU inputs.
Only P81 and P83
are Schmitt-
triggered inputs
when used as 8-
bit timer inputs.
P81 and P83 have
5-V tolerance.
Port 9 Dedicated input port
also functioning as
A/D converter
analog inputs and
D/A converter
analog outputs
P95/AN13_1/DA3
P94/AN12_1/DA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com