Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 583 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 583 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 579Page - Renesas Technology Corp H8S/2426R Datasheet HTML 580Page - Renesas Technology Corp H8S/2426R Datasheet HTML 581Page - Renesas Technology Corp H8S/2426R Datasheet HTML 582Page - Renesas Technology Corp H8S/2426R Datasheet HTML 583Page - Renesas Technology Corp H8S/2426R Datasheet HTML 584Page - Renesas Technology Corp H8S/2426R Datasheet HTML 585Page - Renesas Technology Corp H8S/2426R Datasheet HTML 586Page - Renesas Technology Corp H8S/2426R Datasheet HTML 587Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 583 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 555 of 1270
REJ09B0466-0100
10.4
Port 4
Port 4 is an 8-bit input-only port that also has other functions, such as analog input pins. Port 4 has
the following register.
• Port 4 register (PORT4)
10.4.1
Port 4 Register (PORT4)
PORT4 is an 8-bit read-only register that shows the pin states of port 4. PORT4 cannot be
modified.
Bit
Bit Name
Initial Value
R/W
Description
7
P47
*
R
6
P46
*
R
5
P45
*
R
4
P44
*
R
3
P43
*
R
2
P42
*
R
1
P41
*
R
0
P40
*
R
The pin states are always read from this register.
Note:
*
Determined by the states of pins P47 to P40.
10.4.2
Pin Functions
Port 4 also functions as the pins for A/D converter analog inputs and interrupt inputs (the
H8S/2424 Group). The correspondence between pins is as follows.
(1) Pin Functions of H8S/2426 Group and H8S/2426R Group
• P40/AN0_0, P41/AN1_0, P42/AN2_0, P43/AN3_0, P44/AN4_0, P45/AN5_0, P46/AN6_0,
P47/AN7_0
Pin function
ANn_0 input
Legend:
n = 7 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com