Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 586 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 586 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 582Page - Renesas Technology Corp H8S/2426R Datasheet HTML 583Page - Renesas Technology Corp H8S/2426R Datasheet HTML 584Page - Renesas Technology Corp H8S/2426R Datasheet HTML 585Page - Renesas Technology Corp H8S/2426R Datasheet HTML 586Page - Renesas Technology Corp H8S/2426R Datasheet HTML 587Page - Renesas Technology Corp H8S/2426R Datasheet HTML 588Page - Renesas Technology Corp H8S/2426R Datasheet HTML 589Page - Renesas Technology Corp H8S/2426R Datasheet HTML 590Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 558 of 1270
REJ09B0466-0100
10.5.3
Port 5 Register (PORT5)
PORT5 shows the pin states of port 5. PORT5 cannot be modified.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
Undefined
R
Reserved
If these bits are read, they will return an undefined
value.
3
P53
*
R
2
P52
*
R
1
P51
*
R
0
P50
*
R
If the P53 to P50 bits are read while a P5DDR bit is
set to 1, the corresponding P5DR value is read. If
this register is read while a P5DDR bit is cleared to
0, the corresponding pin state is read.
Note:
*
Determined by the states of pins P53 to P50.
10.5.4
Port 5 Open Drain Control Register (P5ODR)
P5ODR specifies the output type of each port 5 pin.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
3
P53ODR
0
R/W
2
P52ODR
0
R/W
1
P51ODR
0
R/W
0
P50ODR
0
R/W
When
BACK-B/BREQO-B output is not selected,
setting a P5ODR bit to 1 makes the corresponding
pin an NMOS open-drain output pin, while clearing
a P5ODR bit to 0 makes the corresponding pin a
CMOS output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com