Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 596 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 596 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 592Page - Renesas Technology Corp H8S/2426R Datasheet HTML 593Page - Renesas Technology Corp H8S/2426R Datasheet HTML 594Page - Renesas Technology Corp H8S/2426R Datasheet HTML 595Page - Renesas Technology Corp H8S/2426R Datasheet HTML 596Page - Renesas Technology Corp H8S/2426R Datasheet HTML 597Page - Renesas Technology Corp H8S/2426R Datasheet HTML 598Page - Renesas Technology Corp H8S/2426R Datasheet HTML 599Page - Renesas Technology Corp H8S/2426R Datasheet HTML 600Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 568 of 1270
REJ09B0466-0100
10.6.4
Port 6 Open Drain Control Register (P6ODR)
P6ODR specifies the output type of each port 6 pin.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
5
P65ODR
0
R/W
4
P64ODR
0
R/W
3
P63ODR
0
R/W
2
P62ODR
0
R/W
1
P61ODR
0
R/W
0
P60ODR
0
R/W
Setting a P6ODR bit to 1 makes the corresponding
pin an NMOS open-drain output pin, while clearing
a P6ODR bit to 0 makes the corresponding pin a
CMOS output pin.
10.6.5
Pin Functions
Port 6 pins also function as 8-bit timer I/Os, interrupt inputs, and DMAC I/Os. The
correspondence between the register specification and the pin functions is shown below.
• P65/IRQ13-A/DACK1/TMO1-A
The pin function is switched as shown below according to the combination of bit SAE1 in
DMABCRH of the DMAC, bits OS3 to OS0 in TCSR_1 of the 8-bit timer, bit TMRS in
PFCR3, bit P65DDR, and bit ITS13 in ITSR of the interrupt controller.
SAE1
0
1
OS3 to OS0
All 0
Not all 0
P65DDR
0
1
P65 input
P65 output
TMO1-A output*
2
DACK1 output
Pin function
IRQ13-A interrupt input*1
Notes: 1.
IRQ13-A input when the ITS13 bit in ITSR is 0.
2. TMO1-A output when the TMRS bit in PFCR3 is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com