Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 598 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 598 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 594Page - Renesas Technology Corp H8S/2426R Datasheet HTML 595Page - Renesas Technology Corp H8S/2426R Datasheet HTML 596Page - Renesas Technology Corp H8S/2426R Datasheet HTML 597Page - Renesas Technology Corp H8S/2426R Datasheet HTML 598Page - Renesas Technology Corp H8S/2426R Datasheet HTML 599Page - Renesas Technology Corp H8S/2426R Datasheet HTML 600Page - Renesas Technology Corp H8S/2426R Datasheet HTML 601Page - Renesas Technology Corp H8S/2426R Datasheet HTML 602Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 598 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 570 of 1270
REJ09B0466-0100
• P62/IRQ10-A/TEND0/TMCI0-A
The pin function is switched as shown below according to the combination of bit TEE0 in
DMATCR of the DMAC, bit TMRS in PFCR3, bit P62DDR, and bit ITS10 in ITSR of the
interrupt controller.
TEE0
0
1
P62DDR
0
1
P62 input
P62 output
TEND0 output
IRQ10-A interrupt input*1
Pin function
TMCI0-A input*
2*3
Notes: 1.
IRQ10-A input when the ITS10 bit in ITSR is 0.
2. When used as the external clock input pin for the TMR, its pin function should be
specified to the external clock input by the CKS2 to CKS0 bits in TCR_0.
3. TMCI0-A input when the TMRS bit in PFCR3 is 0.
• P61/IRQ9-A/DREQ1/TMRI1-A
The pin function is switched as shown below according to the combination of bit TMRS in
PFCR3, bit P61DDR, and bit ITS9 in ITSR of the interrupt controller.
P61DDR
0
1
P61 input
P61 output
TMRI1-A input*
1*3
DREQ1 input
Pin function
IRQ9-A interrupt input*2
Notes: 1. When used as the counter reset input pin for the TMR, both the CCLR1 and CCLR0 bits
in TCR_1 should be set to 1.
2.
IRQ9-A input when the ITS9 bit in ITSR is 0.
3. TMRI1-A input when the TMRS bit in PFCR3 is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com