Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 678 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 678 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 674Page - Renesas Technology Corp H8S/2426R Datasheet HTML 675Page - Renesas Technology Corp H8S/2426R Datasheet HTML 676Page - Renesas Technology Corp H8S/2426R Datasheet HTML 677Page - Renesas Technology Corp H8S/2426R Datasheet HTML 678Page - Renesas Technology Corp H8S/2426R Datasheet HTML 679Page - Renesas Technology Corp H8S/2426R Datasheet HTML 680Page - Renesas Technology Corp H8S/2426R Datasheet HTML 681Page - Renesas Technology Corp H8S/2426R Datasheet HTML 682Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 678 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 650 of 1270
REJ09B0466-0100
10.15.5
Pin Functions
Port G pins also function as the pins for JTAG inputs and bus control signal I/Os. The
correspondence between the register specification and the pin functions is shown below.
• PG6/BREQ-A/TDI*1
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit BRLE in BCR of the bus controller, bit BREQS in PFCR4, and bit
PG6DDR.
Operating
mode
1, 2, 4
7
EXPE
0
1
BRLE
BREQS
BRLE = 0 or
BRLE = 1 and
BREQS = 1
BRLE = 1
and
BREQS = 0
BRLE = 0 or
BRLE = 1 and
BREQS = 1
BRLE = 1
and
BREQS = 0
PG6DDR
0
1
0
1
0
1
PG6
input
PG6
output
BREQ-A
input
PG6
input
PG6
output
PG6
input
PG6
output
BREQ-A
input
Pin
function
TDI input*
2
Notes: 1. Supported only in the 145-pin package.
2. TDI input when BSCANE pin = 1 in the 145-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com