Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 682 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 682 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 678Page - Renesas Technology Corp H8S/2426R Datasheet HTML 679Page - Renesas Technology Corp H8S/2426R Datasheet HTML 680Page - Renesas Technology Corp H8S/2426R Datasheet HTML 681Page - Renesas Technology Corp H8S/2426R Datasheet HTML 682Page - Renesas Technology Corp H8S/2426R Datasheet HTML 683Page - Renesas Technology Corp H8S/2426R Datasheet HTML 684Page - Renesas Technology Corp H8S/2426R Datasheet HTML 685Page - Renesas Technology Corp H8S/2426R Datasheet HTML 686Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 682 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 654 of 1270
REJ09B0466-0100
10.16
Port H
Note:
Port H is not supported in the H8S/2424 Group.
Port H is a 4-bit I/O port that also has other functions. Port H has the following registers. For the
port function control registers, refer to section 10.18, Port Function Control Registers.
• Port H data direction register (PHDDR)
• Port H data register (PHDR)
• Port H register (PORTH)
• Port function control register 0 (PFCR0)
• Port function control register 2 (PFCR2)
• Port H open drain control register (PHODR)
10.16.1
Port H Data Direction Register (PHDDR)
The individual bits of PHDDR specify input or output for the pins of port H. PHDDR cannot be
read; if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
3
PH3DDR
0
W
2
PH2DDR
0
W
1
PH1DDR
0
W
0
PH0DDR
0
W
• Modes 7 (when EXPE = 1), 1, 2, and 4
When the
OE output enable bit (OEE) and OE
output select bit (OES) are set to 1, pin PH3
functions as the
OE output pin. Otherwise, when
bit CS7E is set to 1, pin PH3 functions as the
CS7
output pin when bit PH3DDR is set to 1, and as an
input port when the bit is cleared to 0. When bit
CS7E is cleared to 0, pin PH3 is an I/O port, and
its function can be switched with bit PH3DDR.
When areas 2 to 5 are specified as continuous
SDRAM space*,
OE output is CKE output.
When bit CS6E is set to 1, setting bit PH2DDR to
1 makes pin PH2 function as the
CS6 output pin,
and clearing the bit to 0 makes the pin function as
an I/O port. When bit CS6E is cleared to 0, pin
PH2 is an I/O port, and its function can be
switched with bit PH2DDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com