Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 695 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 695 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 691Page - Renesas Technology Corp H8S/2426R Datasheet HTML 692Page - Renesas Technology Corp H8S/2426R Datasheet HTML 693Page - Renesas Technology Corp H8S/2426R Datasheet HTML 694Page - Renesas Technology Corp H8S/2426R Datasheet HTML 695Page - Renesas Technology Corp H8S/2426R Datasheet HTML 696Page - Renesas Technology Corp H8S/2426R Datasheet HTML 697Page - Renesas Technology Corp H8S/2426R Datasheet HTML 698Page - Renesas Technology Corp H8S/2426R Datasheet HTML 699Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 695 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 667 of 1270
REJ09B0466-0100
10.18.3
Port Function Control Register 2 (PFCR2)
PFCR2 enables or disables
AS output, LWR output, and OE output.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
3
ASOE
1
R/W
AS Output Enable
Enables or disables the
AS output pin.
0: PF6 is designated as I/O port
1: PF6 is designated as
AS output pin
2
LWROE
1
R/W
LWR Output Enable
Enables or disables the
LWR output pin.
0: PF3 is designated as I/O port
1: PF3 is designated as
LWR output pin
1
OES
1
R/W
OE Output Select
Selects the
OE/CKE*1 output pin port when the OEE
bit in DRAMCR is set to 1 (enabling
OE/CKE*1
output).
0: P35 is designated as
OE-B/CKE-B*1 output pin.
1: PH3*
2 is designated as
OE-A/CKE-A*1 output pin.
0
0
Reserved
This bit is always read as 0. Only the initial value
should be written to this bit.
Notes: 1. Not supported in the H8S/2424 Group.
2. PH3 becomes PF0 in the H8S/2424 Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com