Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 697 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 697 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 693Page - Renesas Technology Corp H8S/2426R Datasheet HTML 694Page - Renesas Technology Corp H8S/2426R Datasheet HTML 695Page - Renesas Technology Corp H8S/2426R Datasheet HTML 696Page - Renesas Technology Corp H8S/2426R Datasheet HTML 697Page - Renesas Technology Corp H8S/2426R Datasheet HTML 698Page - Renesas Technology Corp H8S/2426R Datasheet HTML 699Page - Renesas Technology Corp H8S/2426R Datasheet HTML 700Page - Renesas Technology Corp H8S/2426R Datasheet HTML 701Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 697 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 669 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
4
TMRS
0
R/W
TMR Pin Select
Selects the output pins of TMO1 and TMO0 and
input pins of TMCI1, TMCI0, TMRI1, and TMRI0.
0: [For H8S/2424]
P25/TMO1-A, P24/TMO0-A, P23/TMCI1-A,
P22/TMCI0-A, P21/TMRI1-A, and P20/TMRI0-A
are selected
[For H8S/2426, H8S/2426R]
P65/TMO1-A, P64/TMO0-A, P63/TMCI1-A,
P62/TMCI0-A, P61/TMRI1-A, and P60/TMRI0-A
are selected
1: P85/TMO1-B , P52/TMO0-B, P83/TMCI1-B,
P51/TMCI0-B, P81/TMRI1-B, and P50/TMRI0-B
are selected
3 to 1
All 0
Reserved
These bits are always read as 0. Only the initial
values should be written to these bits.
0
1
Reserved
This bit is always read as 1. Only the initial value
should be written to this bit.
10.18.5
Port Function Control Register 4 (PFCR4)
PFCR4 switches the functions of the
WAIT input pin, BREQ input pin, BACK output pin,
BREQO output pin, TxD4 output pin, RxD4 input pin, and SCK4 input/output pin.
Bit
Bit Name
Initial Value
R/W
Description
7
WAITS
0
R/W
WAIT Pin Select
Selects the
WAIT input pin.
0: PF0/
WAIT-A is selected
1: P25/
WAIT-B is selected
6
BREQS
0
R/W
BREQ Pin Select
Selects the
BREQ input pin.
0: PG6/
BREQ-A is selected
1: P51/
BREQ-B is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com