Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 827 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 827 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 823Page - Renesas Technology Corp H8S/2426R Datasheet HTML 824Page - Renesas Technology Corp H8S/2426R Datasheet HTML 825Page - Renesas Technology Corp H8S/2426R Datasheet HTML 826Page - Renesas Technology Corp H8S/2426R Datasheet HTML 827Page - Renesas Technology Corp H8S/2426R Datasheet HTML 828Page - Renesas Technology Corp H8S/2426R Datasheet HTML 829Page - Renesas Technology Corp H8S/2426R Datasheet HTML 830Page - Renesas Technology Corp H8S/2426R Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 799 of 1270
REJ09B0466-0100
13.2
Input/Output Pins
Table 13.1 shows the pin configuration of the 8-bit timer module.
Table 13.1
Pin Configuration
Channel
Name
Symbol
I/O
Function
0
Timer output pin
TMO0
Output
Outputs at compare match
Timer clock input pin
TMCI0
Input
Inputs external clock for counter
Timer reset input pin
TMRI0
Input
Inputs external reset to counter
1
Timer output pin
TMO1
Output
Outputs at compare match
Timer clock input pin
TMCI1
Input
Inputs external clock for counter
Timer reset input pin
TMRI1
Input
Inputs external reset to counter
13.3
Register Descriptions
The 8-bit timer module has the following registers. For details on the module stop control register,
refer to section 24.1.2, Module Stop Control Registers H and L (MSTPCRH, MSTPCRL).
• Timer counter_0 (TCNT_0)
• Time constant register A_0 (TCORA_0)
• Time constant register B_0 (TCORB_0)
• Timer control register_0 (TCR_0)
• Timer control/status register_0 (TCSR_0)
• Timer counter control register_0 (TCCR_0)
• Timer counter_1 (TCNT_1)
• Time constant register A_1 (TCORA_1)
• Time constant register B_1 (TCORB_1)
• Timer control register_1 (TCR_1)
• Timer control/status register_1 (TCSR_1)
• Timer counter control register_1 (TCCR_1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com