Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 829 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 829 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 825Page - Renesas Technology Corp H8S/2426R Datasheet HTML 826Page - Renesas Technology Corp H8S/2426R Datasheet HTML 827Page - Renesas Technology Corp H8S/2426R Datasheet HTML 828Page - Renesas Technology Corp H8S/2426R Datasheet HTML 829Page - Renesas Technology Corp H8S/2426R Datasheet HTML 830Page - Renesas Technology Corp H8S/2426R Datasheet HTML 831Page - Renesas Technology Corp H8S/2426R Datasheet HTML 832Page - Renesas Technology Corp H8S/2426R Datasheet HTML 833Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 829 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 801 of 1270
REJ09B0466-0100
13.3.4
Timer Control Register (TCR)
TCR selects the clock source and the time at which TCNT is cleared, and controls interrupts.
Bit
Bit Name
Initial Value
R/W
Description
7
CMIEB
0
R/W
Compare Match Interrupt Enable B
Selects whether CMFB interrupt requests (CMIB)
are enabled or disabled when the CMFB flag in
TCSR is set to 1.
0: CMFB interrupt requests (CMIB) are disabled
1: CMFB interrupt requests (CMIB) are enabled
6
CMIEA
0
R/W
Compare Match Interrupt Enable A
Selects whether CMFA interrupt requests (CMIA)
are enabled or disabled when the CMFA flag in
TCSR is set to 1.
0: CMFA interrupt requests (CMIA) are disabled
1: CMFA interrupt requests (CMIA) are enabled
5
OVIE
0
R/W
Timer Overflow Interrupt Enable
Selects whether OVF interrupt requests (OVI)
are enabled or disabled when the OVF flag in
TCSR is set to 1.
0: OVF interrupt requests (OVI) are disabled
1: OVF interrupt requests (OVI) are enabled
4
3
CCLR1
CCLR0
0
0
R/W
R/W
Counter Clear 1 and 0
These bits select the method by which TCNT is
cleared, in combination with the TMRIS bit in
TCCR. See table 13.2.
2
1
0
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select 2 to 0
These bits select the clock input to TCNT and
the count condition, in combination with the
ICKS1 and ICKS0 bits in TCCR. See table 13.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com