Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 832 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 832 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 828Page - Renesas Technology Corp H8S/2426R Datasheet HTML 829Page - Renesas Technology Corp H8S/2426R Datasheet HTML 830Page - Renesas Technology Corp H8S/2426R Datasheet HTML 831Page - Renesas Technology Corp H8S/2426R Datasheet HTML 832Page - Renesas Technology Corp H8S/2426R Datasheet HTML 833Page - Renesas Technology Corp H8S/2426R Datasheet HTML 834Page - Renesas Technology Corp H8S/2426R Datasheet HTML 835Page - Renesas Technology Corp H8S/2426R Datasheet HTML 836Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 832 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 804 of 1270
REJ09B0466-0100
TCR
TCCR
Channel
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Bit 1
ICKS1
Bit 0
ICKS0
Description
All
1
0
1
External clock, counted at rising edge
1
0
External clock, counted at falling edge
1
1
External clock, counted at both rising and falling
edges
Note:
* If the count input of TMR_0 is the TCNT_1 overflow signal and that of TMR_1 is the
TCNT_0 compare match signal, no incrementing clock is generated. Do not use this
setting.
13.3.6
Timer Control/Status Register (TCSR)
TCSR displays status flags, and controls compare match output.
• TCSR_0
Bit
Bit Name
Initial Value
R/W
Description
7
CMFB
0
R/(W)*
Compare Match Flag B
[Setting condition]
• Set when TCNT matches TCORB
[Clearing conditions]
• Cleared by reading CMFB when CMFB = 1,
then writing 0 to CMFB
• When DTC is activated by CMIB interrupt while
DISEL bit of MRB in DTC is 0
6
CMFA
0
R/(W)*
Compare Match Flag A
[Setting condition]
• Set when TCNT matches TCORA
[Clearing conditions]
• Cleared by reading CMFA when CMFA = 1,
then writing 0 to CMFA
• When DTC is activated by CMIA interrupt while
DISEL bit of MRB in DTC is 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com