Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 863 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 863 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 859Page - Renesas Technology Corp H8S/2426R Datasheet HTML 860Page - Renesas Technology Corp H8S/2426R Datasheet HTML 861Page - Renesas Technology Corp H8S/2426R Datasheet HTML 862Page - Renesas Technology Corp H8S/2426R Datasheet HTML 863Page - Renesas Technology Corp H8S/2426R Datasheet HTML 864Page - Renesas Technology Corp H8S/2426R Datasheet HTML 865Page - Renesas Technology Corp H8S/2426R Datasheet HTML 866Page - Renesas Technology Corp H8S/2426R Datasheet HTML 867Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 863 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 835 of 1270
REJ09B0466-0100
Section 15 Serial Communication Interface (SCI, IrDA)
This LSI has five independent serial communication interface (SCI) channels. The SCI can handle
both asynchronous and clocked synchronous serial communication. Serial data communication
can be carried out with standard asynchronous communication chips such as a Universal
Asynchronous Receiver/Transmitter (UART) or Asynchronous Communication Interface Adapter
(ACIA). A function is also provided for serial communication between processors (multiprocessor
communication function) in asynchronous mode. The SCI also supports an IC card (Smart Card)
interface conforming to ISO/IEC 7816-3 (Identification Card) as an asynchronous serial
communication interface extension function. One of the five SCI channels (SCI_0) can generate
an IrDA communication waveform conforming to IrDA specification version 1.0.
Figure 15.1 shows a block diagram of the SCI.
15.1
Features
• Choice of asynchronous or clocked synchronous serial communication mode
• Full-duplex communication capability
The transmitter and receiver are mutually independent, enabling transmission and reception to
be executed simultaneously. Double-buffering is used in both the transmitter and the receiver,
enabling continuous transmission and continuous reception of serial data.
• On-chip baud rate generator allows any bit rate to be selected
External clock can be selected as a transfer clock source (except for in Smart Card interface
mode).
• Choice of LSB-first or MSB-first transfer (except in the case of asynchronous mode 7-bit data)
• Four interrupt sources
Four interrupt sources
 transmit-end, transmit-data-empty, receive-data-full, and receive
error
 that can issue requests. The transmit-data-empty interrupt and receive data full
interrupts can activate the data transfer controller (DTC) or DMA controller (DMAC).
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com