Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 867 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 867 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 863Page - Renesas Technology Corp H8S/2426R Datasheet HTML 864Page - Renesas Technology Corp H8S/2426R Datasheet HTML 865Page - Renesas Technology Corp H8S/2426R Datasheet HTML 866Page - Renesas Technology Corp H8S/2426R Datasheet HTML 867Page - Renesas Technology Corp H8S/2426R Datasheet HTML 868Page - Renesas Technology Corp H8S/2426R Datasheet HTML 869Page - Renesas Technology Corp H8S/2426R Datasheet HTML 870Page - Renesas Technology Corp H8S/2426R Datasheet HTML 871Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 867 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 839 of 1270
REJ09B0466-0100
15.3
Register Descriptions
The SCI has the following registers. The serial mode register (SMR), serial status register (SSR),
and serial control register (SCR) are described separately for normal serial communication
interface mode and Smart Card interface mode because their bit functions partially differ.
• Receive shift register_0 (RSR_0)
• Transmit shift register_0 (TSR_0)
• Receive data register_0 (RDR_0)
• Transmit data register_0 (TDR_0)
• Serial mode register_0 (SMR_0)
• Serial control register_0 (SCR_0)
• Serial status register_0 (SSR_0)
• Smart card mode register_0 (SCMR_0)
• Bit rate register_0 (BRR_0)
• IrDA control register_0 (IrCR_0)
• Receive shift register_1 (RSR_1)
• Transmit shift register_1 (TSR_1)
• Receive data register_1 (RDR_1)
• Transmit data register_1 (TDR_1)
• Serial mode register_1 (SMR_1)
• Serial control register_1 (SCR_1)
• Serial status register_1 (SSR_1)
• Smart card mode register_1 (SCMR_1)
• Bit rate register_1 (BRR_1)
• Receive shift register_2 (RSR_2)
• Transmit shift register_2 (TSR_2)
• Receive data register_2 (RDR_2)
• Transmit data register_2 (TDR_2)
• Serial mode register_2 (SMR_2)
• Serial control register_2 (SCR_2)
• Serial status register_2 (SSR_2)
• Smart card mode register_2 (SCMR_2)
• Bit rate register_2 (BRR_2)
• Serial extension mode register_2 (SEMR_2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com