Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1007 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1007 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1003Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1004Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1005Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1006Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1007Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1008Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1009Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1010Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1011Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1007 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 979 of 1270
REJ09B0466-0100
Table 17.5
A/D Conversion Characteristics (EXCKS = 0)
CKS1 = 0
CKS1 = 1
CKS = 0
CKS = 1
CKS = 0
CKS = 1
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
A/D conversion start
delay time
t
D
18
33
10
17
6
9
4
5
Input sampling time
t
SPL
319
159
79
29
A/D conversion time
t
CONV
515
530
259
266
131
134
67
68
Note:
Values in the table are the number of states.
Table 17.6
A/D Conversion Characteristics (EXCKS = 1) (Units 1 and 2)
CKS1 = 0
CKS1 = 1
CKS = 0
CKS = 1
CKS = 0
CKS = 1
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
A/D conversion start
delay time
t
D
3
10
3
6
3
5
3
4
Input sampling time
t
SPL
120
60
30
15
A/D conversion time
t
CONV
325
332
165
168
85
87
45
46
Note:
Values in the table are the number of states.
Table 17.7
A/D Conversion Time (Scan Mode)
EXCKS
CKS1
CKS0
Conversion Time (Number of States)
0
512 (fixed)
0
1
256 (fixed)
0
128 (fixed)
0
1
1
64 (fixed)
0
512 (fixed)
0
1
256 (fixed)
0
128 (fixed)
1
1
1
64 (fixed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com