Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1008 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1008 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1004Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1005Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1006Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1007Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1008Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1009Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1010Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1011Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1012Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1008 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 980 of 1270
REJ09B0466-0100
17.4.4
External Trigger Input Timing
A/D conversion can be externally triggered. For unit 0, an external trigger is input from the
ADTRG0 pin when the TRGS1, TRGS0, and EXTRGS bits are set to B'110 or B'001 in ADCR_0.
For unit 1, an external trigger is input from the
ADTRG1 pin when the TRGS1, TRGS0, and
EXTRGS bits are set to B'110 in ADCR_1. For multiple-unit simultaneous start, an external
trigger is input from the
ADTRG0 pin when the TRGS1, TRGS0, and EXTRGS bits are set to
B'111 in ADCR. A/D conversion starts when the ADST bit in ADCSR is set to 1 on the falling
edge of the ADTRG0 pin. Other operations, in both single and scan modes, are the same as when
the ADST bit has been set to 1 by software. Figure 17.7 shows the timing. Figure 17.8 shows the
timing of multiple-unit simultaneous start.
A/D conversion
ADST
P
φ
ADTRG0
Internal trigger
signal
Figure 17.7 External Trigger Input Timing (TRGS1, TRGS0, and EXTRGS
≠ B’111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com