Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1013 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1013 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1009Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1010Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1011Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1012Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1013Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1014Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1015Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1016Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1017Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1013 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 985 of 1270
REJ09B0466-0100
17.7.4
Permissible Signal Source Impedance
This LSI's analog input is designed so that the conversion accuracy is guaranteed for an input
signal for which the signal source impedance is 5 k
Ω or less. This specification is provided to
enable the A/D converter's sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally for conversion in single mode, the input load will essentially comprise only
the internal input resistance of 5 k
Ω, and the signal source impedance is ignored. However, since a
low-pass filter effect is obtained in this case, it may not be possible to follow an analog signal with
a large differential coefficient (e.g., 5 mV/
µs or greater) (see figure 17.11). When converting a
high-speed analog signal or conversion in scan mode, a low-impedance buffer should be inserted.
Equivalent circuit of the A/D converter
This LSI
7 pF
Cin =
15 pF
10 k
Ω
Low-pass
filter
C to 0.1
µF
Sensor output
impedance
R to 5 k
Ω
Sensor input
Figure 17.11 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com