Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1015 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1015 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1011Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1012Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1013Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1014Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1015Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1016Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1017Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1018Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1019Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1015 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 987 of 1270
REJ09B0466-0100
17.7.7
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values.
Digital circuitry must be isolated from the analog input pins (AN0 to AN15*), analog reference
power supply (Vref), and analog power supply (AVcc) by the analog ground (AVss). Also, the
analog ground (AVss) should be connected at one point to a stable ground (Vss) on the board.
Note: * In the H8S/2424 group, only AN0 to AN7, AN11, and AN12 are available as analog
input pins.
17.7.8
Notes on Noise Countermeasures
A protection circuit connected to prevent damage due to an abnormal voltage such as an excessive
surge at the analog input pins (AN0 to AN15*) should be connected between AVcc and AVss as
shown in figure 17.12. Also, the bypass capacitors connected to AVcc and the filter capacitor
connected to the AN0 to AN11 pins must be connected to AVss.
If a filter capacitor is connected, the input currents at the AN0 to AN15* pins are averaged, and so
an error may arise. Also, when A/D conversion is performed frequently, as in scan mode, if the
current charged and discharged by the capacitance of the sample-and-hold circuit in the A/D
converter exceeds the current input via the input impedance (R
in), an error will arise in the analog
input pin voltage. Careful consideration is therefore required when deciding the circuit constants.
Note: * In the H8S/2424 group, only AN0 to AN7, AN11, and AN12 are available as analog
input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com