Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1041 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1041 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1037Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1038Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1039Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1040Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1041Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1042Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1043Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1044Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1045Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1041 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1013 of 1270
REJ09B0466-0100
19.3.8
SS Receive Data Registers 0 to 3 (SSRDR0 to SSRDR3)
SSRDR is an 8-bit register that stores receive data. When 8-bit data length is selected by bits
DATS1 and DATS0 in SSCRL, SSRDR0 is valid. When 16-bit data length is selected, SSRDR0
and SSRDR1 are valid. When 24-bit data length is selected, SSRDR0, SSRDR1, and SSRDR2 are
valid. When 32-bit data length is selected, SSRDR0 to SSRDR3 are valid. Be sure not to access to
invalid SSRDR.
When the SSU has received 1-byte data, it transfers the received serial data from SSTRSR to
SSRDR where it is stored. After this, SSTRSR is ready for reception. Since SSTRSR and SSRDR
function as a double buffer in this way, consecutive receive operations can be performed.
Read SSRDR after confirming that the RDRF bit in SSSR is set to 1.
SSRDR is a read-only register, therefore, cannot be written to by the CPU.
Table 19.3
Correspondence Between DATS Bit Setting and SSRDR
DATS[1:0] (SSCRL[1:0])
SSRDR
00
01
10
11 (Setting Invalid)
0
Valid
Valid
Valid
Valid
1
Invalid
Valid
Valid
Valid
2
Invalid
Invalid
Valid
Valid
3
Invalid
Invalid
Valid
Invalid
19.3.9
SS Shift Register (SSTRSR)
SSTRSR is a shift register that transmits and receives serial data.
When data is transferred from SSTDR to SSTRSR, bit 0 of transmit data is bit 0 in the SSTDR
contents (MLS = 0: LSB first communication) and is bit 7 in the SSTDR contents (MLS = 1: MSB
first communication). The SSU transfers data from the LSB (bit 0) in SSTRSR to the SSO pin to
perform serial data transmission.
In reception, the SSU sets serial data that has been input via the SSI pin in SSTRSR from the LSB
(bit 0). When 1-byte data has been received, the SSTRSR contents are automatically transferred to
SSRDR. SSTRSR cannot be directly accessed by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com