Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1042 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1042 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1038Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1039Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1040Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1041Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1042Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1043Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1044Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1045Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1046Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1042 / 1302 page
background image
Section 19 Synchronous Serial Communication Unit (SSU)
Rev. 1.00 Sep. 19, 2008 Page 1014 of 1270
REJ09B0466-0100
19.4
Operation
19.4.1
Transfer Clock
A transfer clock can be selected from eight internal clocks and an external clock. When using this
module, set the SCKS bit in SSCRH to 1 to select the SSCK pin as a serial clock. When the MSS
bit in SSCRH is 1, an internal clock is selected and the SSCK pin is used as an output pin. When
transfer is started, the clock with the transfer rate set by bits CKS2 to CKS0 in SSMR is output
from the SSCK pin. When MSS
= 0, an external clock is selected and the SSCK pin is used as an
input pin.
19.4.2
Relationship of Clock Phase, Polarity, and Data
The relationship of clock phase, polarity, and transfer data depends on the combination of the
CPOS and CPHS bits in SSMR. Figure 19.2 shows the relationship. When SSUMS = 1, the CPHS
setting is invalid although the CPOS setting is valid.
Setting the MLS bit in SSMR selects that MSB or LSB first communication. When MLS
= 0, data
is transferred from the LSB to the MSB. When MLS
= 1, data is transferred from the MSB to the
LSB.
SSCK
(CPOS = 0)
(1) When CPHS = 0
(2) When CPHS = 1
SSCK
(CPOS = 1)
SSI, SSO
SCS
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
SSCK
(CPOS = 0)
SSCK
(CPOS = 1)
SSI, SSO
SCS
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Figure 19.2 Relationship of Clock Phase, Polarity, and Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com