Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1071 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1071 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1067Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1068Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1069Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1070Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1071Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1072Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1073Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1074Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1075Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1071 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1043 of 1270
REJ09B0466-0100
21.1
Memory Map
This ROM is divided into the user ROM and the data flash.
Figure 21.1 shows a block diagram of the flash memory.
The user ROM and data flash are divided into multiple blocks. The user ROM can be programmed
in user programming mode, on-board programming mode, or programmer mode.
H'030000
H'03FFFF
H'020000
H'02FFFF
H'010000
H'01FFFF
H'000000
H'00FFFF
H'F00FFF
H'F00000
Block A
Block B
H'F01FFF
H'F01000
User ROM
Data flash
Block 5: 64K
Block 7: 64K
Block 6: 64K
Block 4: 64K
Notes: 1. To specify a block, use an even address in the block.
2. This is a block diagram in single-chip mode.
Figure 21.1 Block Diagram of Flash Memory
21.1.1
Boot Mode
Setting the mode pins to mode 3 and resetting the hardware shifts the flash memory into boot
mode. In this mode, the embedded standard program is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com