Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1073 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1073 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1069Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1070Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1071Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1072Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1073Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1074Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1075Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1076Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1077Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1073 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1045 of 1270
REJ09B0466-0100
21.2.1
Flash Memory Control Register 1 (FLMCR1)
Bit
Bit Name
Initial
Value
R/W
Description
7
0
Reserved
The initial value should not be changed.
6
CBIDB
1
R/W
CPU Programming Mode Select
Setting this bit to 0 (CPU programming mode) enables
command acceptance.
0: CPU programming mode enabled
1: CPU programming mode disabled
5
0
Reserved
The initial value should not be changed.
4
0
Reserved
The initial value should not be changed.
3
0
Reserved
The initial value should not be changed.
2
1
Reserved
The initial value should not be changed.
1
0
Reserved
The initial value should not be changed.
0
FMCMDEN
0
R/W
Flash Memory Software Command Enable
Setting this bit to 1 (CPU programming mode) enables
command acceptance.
0: Flash memory software commands disabled
1: Flash memory software commands enabled
To set this bit to 1, be sure to write 0 and then write 1 in a
row.
Note:
*
To set the FMCMDEN bit to 1, write 0 to FMCMDEN and then write 1 in a row.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com