Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1086 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1086 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1082Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1083Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1084Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1085Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1086Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1087Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1088Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1089Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1090Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1086 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1058 of 1270
REJ09B0466-0100
21.5.6
Block Blank Check
This command checks if a block is blank (the erased state).
Write H'xx25 in the first bus cycle and H'xxD0 to the highest address (an even address) of the
target block in the second cycle; the check result will be stored in the FMERSF bit in FLMSTR.
After the FMRDY bit in FLMSTR has become 1 (ready), read the FMERSF bit.
Figure 21.6 shows a flowchart of the block blank check command processing.
FMERSF = 0?
NO
YES
FMRDY = 1?
NO
YES
Start
Write command code "H'xx25".
Write "H'xxD0" to the highest
address of the block.
Blank
Not blank
Note: Write the command code and data to even addresses.
Figure 21.6 Flowchart of Block Blank Check Command Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com