Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1089 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1089 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1085Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1086Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1087Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1088Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1089Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1090Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1091Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1092Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1093Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1089 / 1302 page
background image
Section 21 Flash Memory
Rev. 1.00 Sep. 19, 2008 Page 1061 of 1270
REJ09B0466-0100
21.7
Full Status Check
When an error occurs, the FMERSF or FMPRSF bit in FLMSTR becomes 1 to indicate
occurrence of the error. Read these status bits (full status check) to check the operation results.
Table 21.7 shows the errors and FLMSTR status and figure 21.7 shows a flowchart of full status
check processing and corrective actions for each error.
Table 21.7
Errors and Register Status
State of FLMSTR
(Status Register)
FMERSF Bit
(SR5)
FMPRSF Bit
(SR4)
Error
Error Conditions
1
1
Command
sequence error
• When a command is not issued correctly
• When an invalid value (a value other than
H'xxD0 or H'xxFF) is written in the second
bus cycle of a block erase command*
1
0
Erase error
• When a block erase command is issued but
the block is not erased correctly
• When a block blank check command is
issued and the checked block is not blank
0
1
Programming
error
• When a program command is issued but
automatic writing is not done correctly
Note:
*
When H'xxFF is written in the second bus cycle of this command, the flash memory
enters the read array mode and the command code written in the first bus cycle is
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com