Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 105Page - Renesas Technology Corp H8S/2426R Datasheet HTML 106Page - Renesas Technology Corp H8S/2426R Datasheet HTML 107Page - Renesas Technology Corp H8S/2426R Datasheet HTML 108Page - Renesas Technology Corp H8S/2426R Datasheet HTML 109Page - Renesas Technology Corp H8S/2426R Datasheet HTML 110Page - Renesas Technology Corp H8S/2426R Datasheet HTML 111Page - Renesas Technology Corp H8S/2426R Datasheet HTML 112Page - Renesas Technology Corp H8S/2426R Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 1302 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 81 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Descriptions
7, 6
All 1
R/W
Reserved
The initial value should not be modified.
5
MACS
0
R/W
MAC Saturation Operation Control
Selects either saturation operation or non-saturation
operation for the MAC instruction.
0: MAC instruction performs non-saturation operation
1: MAC instruction performs saturation operation
4
0
R/W
Reserved
The initial value should not be modified.
3
FLSHE
0
R/W
Flash Memory Control Register Enable
Controls CPU access to the flash memory control
registers (FLMCR1, DFPR, and FLMSTR). If this bit
is set to 1, the flash memory control registers can be
read from and written to. If this bit is cleared to 0, the
flash memory control registers are not selected. At
this time, the contents of the flash memory control
registers are retained. 0 should be written to this bit in
LSIs other than the flash memory version.
0: Flash memory control registers are not selected for
addresses H'FFFEB0 to H'FFFEB3
1: Flash memory control registers are selected for
addresses H'FFFEB0 to H'FFFEB3
2
0
Reserved
This bit is always read as 0 and cannot be modified.
1
EXPE
R/W
External Bus Mode Enable
Sets the external bus mode. In modes 1, 2, and 4,
this bit is fixed at 1 and cannot be modified. In modes
3 and 7, this bit can be read from and written to.
Writing 0 to this bit when its value is 1 should only be
carried out when an external bus cycle is not being
executed.
0: External address space is disabled
1: External address space is enabled
0
RAME
1
R/W
RAM Enable
Enables or disables the on-chip RAM. This bit is
initialized when the reset state is canceled.
0: On-chip RAM is disabled
1: On-chip RAM is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com