Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 106Page - Renesas Technology Corp H8S/2426R Datasheet HTML 107Page - Renesas Technology Corp H8S/2426R Datasheet HTML 108Page - Renesas Technology Corp H8S/2426R Datasheet HTML 109Page - Renesas Technology Corp H8S/2426R Datasheet HTML 110Page - Renesas Technology Corp H8S/2426R Datasheet HTML 111Page - Renesas Technology Corp H8S/2426R Datasheet HTML 112Page - Renesas Technology Corp H8S/2426R Datasheet HTML 113Page - Renesas Technology Corp H8S/2426R Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1302 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 82 of 1270
REJ09B0466-0100
3.3
Operating Mode Descriptions
3.3.1
Mode 1
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is disabled.
Ports A to C function as an address bus, ports D and E function as a data bus, and parts of ports F
to H function as bus control signals.
The initial bus mode immediately after a reset is 16 bits, with 16-bit access to all areas. However,
if 8-bit access is designated for all areas by the bus controller, the bus mode switches to 8 bits.
3.3.2
Mode 2
The CPU can access a 16-Mbyte address space in advanced mode. The on-chip ROM is disabled.
Ports A to C function as an address bus, ports D and E function as a data bus, and parts of ports F
to H function as bus control signals.
The initial bus mode immediately after a reset is 8 bits, with 8-bit access to all areas. However, if
16-bit access is designated for any one of the areas by the bus controller, the bus mode switches to
16 bits and port E functions as a data bus.
3.3.3
Mode 3
This mode is a boot mode of the flash memory. This mode is the same as mode 7, except for the
programming and erasure of the flash memory. Mode 3 is only available in the flash memory
version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com