Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1124 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1124 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1120Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1121Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1122Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1123Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1124Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1125Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1126Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1127Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1124 / 1302 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Sep. 19, 2008 Page 1096 of 1270
REJ09B0466-0100
Table 23.2
Crystal Resonator Characteristics
Frequency (MHz)
8
12
16
20
R
S max (Ω)
80
60
50
40
C
0 max (pF)
7
7
7
7
23.2.2
External Clock Input
An external clock signal can be input as shown in the examples in figure 23.4. If the XTAL pin is
left open, make sure that parasitic capacitance is no more than 10 pF. When the counter clock is
input to the XTAL pin, make sure that the external clock is held high in standby mode.
Table 23.3 shows the input conditions for the external clock. When an external clock is used, the
range of its frequencies is from 8 to 20 MHz.
EXTAL
XTAL
External clock input
Open state
(a) XTAL pin left open
EXTAL
XTAL
External clock input
(b) Counter clock input at XTAL pin
Figure 23.4 Connection of External Clock Input (Examples)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com