Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1127 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1127 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1123Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1124Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1125Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1126Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1127Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1128Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1129Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1130Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1127 / 1302 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Sep. 19, 2008 Page 1099 of 1270
REJ09B0466-0100
23.4
Usage Notes
23.4.1
Notes on Clock Pulse Generator
1. The following points should be noted since the frequency of
φ changes according to the
settings of PLLCR.
Select a clock division ratio that is within the operation guaranteed range of clock cycle time
tcyc shown in the AC timing of the Electrical Characteristics. In other words,
φ must be set to
a value between 8 MHz (minimum) and 33 MHz (maximum). The setting of
φ must not be less
than 8 MHz or greater than 33 MHz.
2. All the on-chip peripheral modules operate on the
φ. Therefore, note that the time processing
of modules such as a timer and SCI differ before and after changing the clock division ratio. In
addition, wait time for clearing software standby mode differs by changing the clock division
ratio. See the description, Setting Oscillation Stabilization Time after Clearing Software
Standby Mode in section 24.2.3, Software Standby Mode, for details.
3. Note that the frequency of
φ will be changed when setting PLLCR while executing the external
bus cycle with the write-data-buffer function.
23.4.2
Notes on Resonator
Since various characteristics related to the resonator are closely linked to the user’s board design,
thorough evaluation is necessary on the user’s part, using the resonator connection examples
shown in this section as a guide. As the parameters for the oscillation circuit will depend on the
floating capacitance of the resonator and the user board, the parameters should be determined in
consultation with the resonator manufacturer. The design must ensure that a voltage exceeding the
maximum rating is not applied to the resonator pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com