Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1157 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1157 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1153Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1154Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1155Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1156Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1157Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1158Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1159Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1160Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1157 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1129 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
EXDMA destination address
register_3
EDDAR_3
32
H'FDF4
EXDMAC_
3*
3
16
2
EXDMA transfer count register_3
EDTCR_3
32
H'FDF8
EXDMAC_
3*
3
16
2
EXDMA mode control register_3
EDMDR_3
16
H'FDFC
EXDMAC_
3*
3
16
2
EXDMA address control register_3
EDACR_3
16
H'FDFE
EXDMAC_
3*
3
16
2
Interrupt priority register A
IPRA
16
H'FE00
INT
16
2
Interrupt priority register B
IPRB
16
H'FE02
INT
16
2
Interrupt priority register C
IPRC
16
H'FE04
INT
16
2
Interrupt priority register D
IPRD
16
H'FE06
INT
16
2
Interrupt priority register E
IPRE
16
H'FE08
INT
16
2
Interrupt priority register F
IPRF
16
H'FE0A
INT
16
2
Interrupt priority register G
IPRG
16
H'FE0C
INT
16
2
Interrupt priority register H
IPRH
16
H'FE0E
INT
16
2
Interrupt priority register I
IPRI
16
H'FE10
INT
16
2
Interrupt priority register J
IPRJ
16
H'FE12
INT
16
2
Interrupt priority register K
IPRK
16
H'FE14
INT
16
2
IRQ pin select register
ITSR
16
H'FE16
INT
16
2
Software standby release IRQ
enable register
SSIER
16
H'FE18
INT
16
2
IRQ sense control register H
ISCRH
16
H'FE1A
INT
16
2
IRQ sense control register L
ISCRL
16
H'FE1C
INT
16
2
IrDA control register_0
IrCR_0
8
H'FE1E
IrDA
8
2
Port 1 data direction register
P1DDR
8
H'FE20
PORT
8
2
Port 2 data direction register
P2DDR
8
H'FE21
PORT
8
2
Port 3 data direction register
P3DDR
8
H'FE22
PORT
8
2
Port 5 data direction register
P5DDR
8
H'FE24
PORT
8
2
Port 6 data direction register
P6DDR
8
H'FE25
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com