Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1161 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1161 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1157Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1158Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1159Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1160Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1161Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1162Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1163Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1164Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1161 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1133 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Memory address register_0AH
MAR_0AH
16
H'FEE0
DMAC
16
2
Memory address register_0AL
MAR_0AL
16
H'FEE2
DMAC
16
2
I/O address register_0A
IOAR_0A
16
H'FEE4
DMAC
16
2
Transfer count register_0A
ETCR_0A
16
H'FEE6
DMAC
16
2
Memory address register_0BH
MAR_0BH
16
H'FEE8
DMAC
16
2
Memory address register_0BL
MAR_0BL
16
H'FEEA
DMAC
16
2
I/O address register_0B
IOAR_0B
16
H'FEEC
DMAC
16
2
Transfer count register_0B
ETCR_0B
16
H'FEEE
DMAC
16
2
Memory address register_1AH
MAR_1AH
16
H'FEF0
DMAC
16
2
Memory address register_1AL
MAR_1AL
16
H'FEF2
DMAC
16
2
I/O address register_1A
IOAR_1A
16
H'FEF4
DMAC
16
2
Transfer count register_1A
ETCR_1A
16
H'FEF6
DMAC
16
2
Memory address register_1BH
MAR_1BH
16
H'FEF8
DMAC
16
2
Memory address register_1BL
MAR_1BL
16
H'FEFA
DMAC
16
2
I/O address register_1B
IOAR_1B
16
H'FEFC
DMAC
16
2
Transfer count register_1B
ETCR_1B
16
H'FEFE
DMAC
16
2
DMA write enable register
DMAWER
8
H'FF20
DMAC
8
2
DMA terminal control register
DMATCR
8
H'FF21
DMAC
8
2
DMA control register_0A
DMACR_0A
8
H'FF22
DMAC
16
2
DMA control register_0B
DMACR_0B
8
H'FF23
DMAC
16
2
DMA control register_1A
DMACR_1A
8
H'FF24
DMAC
16
2
DMA control register_1B
DMACR_1B
8
H'FF25
DMAC
16
2
DMA band control register H
DMABCRH
8
H'FF26
DMAC
16
2
DMA band control register L
DMABCRL
8
H'FF27
DMAC
16
2
DTC enable register A
DTCERA
8
H'FF28
DTC
16
2
DTC enable register B
DTCERB
8
H'FF29
DTC
16
2
DTC enable register C
DTCERC
8
H'FF2A
DTC
16
2
DTC enable register D
DTCERD
8
H'FF2B
DTC
16
2
DTC enable register E
DTCERE
8
H'FF2C
DTC
16
2
DTC enable register F
DTCERF
8
H'FF2D
DTC
16
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com