Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1163 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1163 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1159Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1160Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1161Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1162Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1163Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1164Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1165Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1166Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1163 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1135 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
Port 1 register
PORT1
8
H'FF50
PORT
8
2
Port 2 register
PORT2
8
H'FF51
PORT
8
2
Port 3 register
PORT3
8
H'FF52
PORT
8
2
Port 4 register
PORT4
8
H'FF53
PORT
8
2
Port 5 register
PORT5
8
H'FF54
PORT
8
2
Port 6 register
PORT6
8
H'FF55
PORT
8
2
Port 8 register
PORT8
8
H'FF57
PORT
8
2
Port 9 register
PORT9
8
H'FF58
PORT
8
2
Port A register
PORTA
8
H'FF59
PORT
8
2
Port B register
PORTB
8
H'FF5A
PORT
8
2
Port C register
PORTC
8
H'FF5B
PORT
8
2
Port D register
PORTD
8
H'FF5C
PORT
8
2
Port E register
PORTE
8
H'FF5D
PORT
8
2
Port F register
PORTF
8
H'FF5E
PORT
8
2
Port G register
PORTG
8
H'FF5F
PORT
8
2
Port 1 data register
P1DR
8
H'FF60
PORT
8
2
Port 2 data register
P2DR
8
H'FF61
PORT
8
2
Port 3 data register
P3DR
8
H'FF62
PORT
8
2
Port 5 data register
P5DR
8
H'FF64
PORT
8
2
Port 6 data register
P6DR
8
H'FF65
PORT
8
2
Port 8 data register
P8DR
8
H'FF67
PORT
8
2
Port A data register
PADR
8
H'FF69
PORT
8
2
Port B data register
PBDR
8
H'FF6A
PORT
8
2
Port C data register
PCDR
8
H'FF6B
PORT
8
2
Port D data register
PDDR
8
H'FF6C
PORT
8
2
Port E data register
PEDR
8
H'FF6D
PORT
8
2
Port F data register
PFDR
8
H'FF6E
PORT
8
2
Port G data register
PGDR
8
H'FF6F
PORT
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com