Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1166 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1166 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1162Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1163Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1164Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1165Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1166Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1167Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1168Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1169Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1166 / 1302 page
background image
Section 25 List of Registers
Rev. 1.00 Sep. 19, 2008 Page 1138 of 1270
REJ09B0466-0100
Register Name
Abbreviation
Number
of Bits
Address
Module
Data
Width
Access
States
H'FFBC*
2
(Write)
Timer control/status register
TCSR
8
H'FFBC
(Read)
WDT
16
2
H'FFBC*
2
(Write)
Timer counter
TCNT
8
H'FFBD
(Read)
WDT
16
2
H'FFBE*
2
(Write)
Reset control/status register
RSTCSR
8
H'FFBF
(Read)
WDT
16
2
Timer start register
TSTR
8
H'FFC0
TPU
16
2
Timer synchronous register
TSYR
8
H'FFC1
TPU
16
2
Port function control register 3
PFCR3
8
H'FFC8
PORT
8
2
Port function control register 4
PFCR4
8
H'FFC9
PORT
8
2
Port function control register 5
PFCR5
8
H'FFCA
PORT
8
2
Timer control register_0
TCR_0
8
H'FFD0
TPU_0
16
2
Timer mode register_0
TMDR_0
8
H'FFD1
TPU_0
16
2
Timer I/O control register H_0
TIORH_0
8
H'FFD2
TPU_0
16
2
Timer I/O control register L_0
TIORL_0
8
H'FFD3
TPU_0
16
2
Timer interrupt enable register_0
TIER_0
8
H'FFD4
TPU_0
16
2
Timer status register_0
TSR_0
8
H'FFD5
TPU_0
16
2
Timer counter_0
TCNT_0
16
H'FFD6
TPU_0
16
2
Timer general register A_0
TGRA_0
16
H'FFD8
TPU_0
16
2
Timer general register B_0
TGRB_0
16
H'FFDA
TPU_0
16
2
Timer general register C_0
TGRC_0
16
H'FFDC
TPU_0
16
2
Timer general register D_0
TGRD_0
16
H'FFDE
TPU_0
16
2
Timer control register_1
TCR_1
8
H'FFE0
TPU_1
16
2
Timer mode register_1
TMDR_1
8
H'FFE1
TPU_1
16
2
Timer I/O control register_1
TIOR_1
8
H'FFE2
TPU_1
16
2
Timer interrupt enable register_1
TIER_1
8
H'FFE4
TPU_1
16
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com