Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1205 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1205 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1201Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1202Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1203Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1204Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1205Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1206Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1207Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1208Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1205 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1177 of 1270
REJ09B0466-0100
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
V
CC − 0.3
V
I
OH = −200 µA
V
CC − 0.5
V
I
OH = −1 mA
Output high
voltage
All output pins
V
OH
V
CC − 0.8
V
I
OH = −2 mA
All output pins
0.4
V
I
OL = 4.0 mA
Output low
voltage
P26 and P27*
4,
P32 to P35*
4,
P50 and P51*
4
V
OL
0.4
V
I
OL = 8.0 mA
RES
10.0
µA
STBY, NMI,
MD2 to MD0
1.0
µA
V
in = 0.5 to
V
CC −0.5 V
Input
leakage
current
Ports 4 and 9
|I
in|
1.0
µA
V
in = 0.5 to
AV
CC −0.5 V
Notes: Pins of port 2, P32 to P35, P50 and P51, and PJ0 to PJ2 are 5-V tolerant.
1. When the A/D and D/A converters are not used, the AV
CC, Vref, and AVSS pins should not
be open. Connect the AV
CC and Vref pins to VCC, and the AVSS pin to VSS.
2. When used as
IRQ, TIOC, TCLK, TMRI, SCL, or SDA.
3. When used as other than
IRQ, TIOC, TCLK, TMRI, SCL, or SDA.
4. When used as SCL or SDA.
5. When used as SSO, SSI, SSCK, or
SCS.
6. When used as RxD,
WAIT, or ADTRG1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com