Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1208 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1208 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1204Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1205Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1206Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1207Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1208Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1209Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1210Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1211Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1208 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1180 of 1270
REJ09B0466-0100
26.1.3
AC Characteristics
The following shows the timings of the clock, control signals, bus, DMAC, EXDMAC, and on-
chip peripheral functions. For the AC characteristic test conditions, see figure 26.1.
(1) Clock Timing
Table 26.5
Clock Timing
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS =
0 V,
φ = 8 MHz to 33 MHz, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Max.
Unit
Test Conditions
Clock cycle time
t
cyc
30.3
125
ns
Figure 26.3
Clock pulse high width
t
CH
10
ns
Figure 26.3
Clock pulse low width
t
CL
10
ns
Clock rising time
t
Cr
5
ns
Clock falling time
t
Cf
5
ns
Reset oscillation settling time
(crystal)
t
OSC1
15
ms
Figure 26.5(1)
Software standby oscillation
settling time (crystal)
t
OSC2
5
ms
Figure 26.5(2)
External clock output delay
settling time
t
DEXT
15
ms
Figure 26.5(1)
Clock phase difference*
t
cdif
1/4
× t
cyc −3
1/4
× t
cyc +3
ns
Figure 26.4
Clock pulse high width
(SDRAM
φ)*
t
SDCH
9
ns
Figure 26.4
Clock pulse low width
(SDRAM
φ)*
t
SDCL
9
ns
Figure 26.4
Clock rising time (SDRAM
φ)*
t
sdcr
5
ns
Figure 26.4
Clock falling time (SDRAM
φ)*
t
sdcf
5
ns
Figure 26.4
Note:
*
Supported only by the H8S/2426R Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com