Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1222 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1222 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1218Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1219Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1220Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1221Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1222Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1223Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1224Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1225Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1222 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1194 of 1270
REJ09B0466-0100
26.2.2
DC Characteristics
Table 26.15 DC Characteristics (1)
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = AVSS = 0 V*
1, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
VT
−
V
CC × 0.2
V
VT
+
V
CC × 0.7
V
Schmitt
trigger input
voltage
Ports 1 and 2,
P32 to P35*
2,
P50 to P53*
2,
port 8*
2, PA4 to
PA7*
2, ports B*2
and C*
2, PF1*2,
PF2*
2, P81*2
and P83*
2
VT
+ − VT− V
CC × 0.07
V
Input high
voltage
STBY,
MD2 to MD0
V
IH
V
CC × 0.9
V
CC +0.3
V
RES, NMI, EMLE
EXTAL
V
CC × 0.7
V
CC +0.3
V
P14 to P17*
5,
P24 to P26*
6,
port 3,
P50 to P53*
3,
port 8*
3, ports A
to G*
3
2.2
V
CC +0.3
V
Ports 4 and 9
2.2
AV
CC +0.3
V
RES, STBY,
MD2 to MD0,
EMLE
−0.3
V
CC × 0.1
V
NMI, EXTAL
−0.3
V
CC × 0.2
V
Ports 3, 5, and 6,
port 8,
ports A to J*
3,
P14 to P17*
5,
P24 to P26*
6
−0.3
V
CC × 0.2
V
Input low
voltage
Ports 4 and 9
V
IL
−0.3
AV
CC × 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com