Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1225 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1225 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1221Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1222Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1223Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1224Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1225Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1226Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1227Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1228Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1225 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1197 of 1270
REJ09B0466-0100
2. Current consumption values are for V
IHmin = VCC −0.2 V and VILmax = 0.2 V with all
output pins unloaded and all input pull-up MOSs in the off state.
3. The values are for V
RAM ≤ VCC < 3.0 V, VIHmin = VCC × 0.9, and VILmax = 0.3 V.
4. I
CC depends on VCC and f as follows:
I
CCmax = 32 (mA) + 1.3 (mA/(MHz)) × f (normal operation)
I
CCmax = 18 (mA) + 0.8 (mA/(MHz)) × f (sleep mode)
5. Applied when
RES is low at power-on.
Table 26.17 Permissible Output Currents
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC,
V
SS = AVSS = 0 V*, Ta = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Typ.
Max.
Unit
All output pins
except the ICC pins
I
OL
2.0
mA
Permissible output low
current (per pin)
ICC output pins
I
OL
8.0
mA
Permissible output low
current (total)
Total of all output
pins
ΣI
OL
80
mA
Permissible output high
current (per pin)
All output pins
−I
OH
2.0
mA
Permissible output high
current (total)
Total of all output
pins
Σ−I
OH
40
mA
Caution:
To protect the LSI’s reliability, do not exceed the output current values in table 26.29.
Note:
*
When the A/D and D/A converters are not used, do not leave the AV
CC, Vref, and AVSS
pins open. Connect the AV
CC and Vref pins to VCC, and the AVSS pin to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com