Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 1228 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 1228 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 1224Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1225Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1226Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1227Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1228Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1229Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1230Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1231Page - Renesas Technology Corp H8S/2426R Datasheet HTML 1232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1228 / 1302 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Sep. 19, 2008 Page 1200 of 1270
REJ09B0466-0100
(3) Bus Timing
Table 26.20 Bus Timing (1)
Conditions: V
CC = 3.0 V to 3.6 V, AVCC = 3.0 V to 3.6 V, Vref = 3.0 V to AVCC, VSS = AVSS =
0 V,
φ = 8 MHz to 33 MHz, T
a = −20°C to +75°C (regular specifications),
T
a = −40°C to +85°C (wide-range specifications)
Item
Symbol
Min.
Max.
Unit
Test Conditions
Address delay time
t
AD
20
ns
Address setup time 1
t
AS1
0.5
× t
cyc −13
ns
Address setup time 2
t
AS2
1.0
× t
cyc −13
ns
Address setup time 3
t
AS3
1.5
× t
cyc −13
ns
Address setup time 4
t
AS4
2.0
× t
cyc −13
ns
Figures 26.8 to
26.23,
Figures 26.34
and 26.35
Address hold time 1
t
AH1
0.5
× t
cyc −8
ns
Address hold time 2
t
AH2
1.0
× t
cyc −8
ns
Address hold time 3
t
AH3
1.5
× t
cyc −8
ns
CS delay time 1
t
CSD1
15
ns
CS delay time 2
t
CSD2
15
ns
CS delay time 3
t
CSD3
20
ns
AS delay time
t
ASD
15
ns
RD delay time 1
t
RSD1
15
ns
RD delay time 2
t
RSD2
15
ns
Read data setup time 1
t
RDS1
15
ns
Read data setup time 2
t
RDS2
15
ns
Read data hold time 1
t
RDH1
0
ns
Read data hold time 2
t
RDH2
0
ns
Read data access time 1
t
AC1
1.0
× t
cyc − 25
ns
Read data access time 2
t
AC2
1.5
× t
cyc − 25
ns
Read data access time 3
t
AC3
2.0
× t
cyc − 25
ns
Read data access time 4
t
AC4
2.5
× t
cyc − 25
ns
Read data access time 5
t
AC5
1.0
× t
cyc − 25
ns
Read data access time 6
t
AC6
2.0
× t
cyc − 25
ns
Read data access time 7
t
AC7
4.0
× t
cyc − 25
ns
Read data access time 8
t
AC8
3.0
× t
cyc − 25
ns
Counter address read data access time 1 t
AA1
1.0
× t
cyc − 25
ns
Counter address read data access time 2 t
AA2
1.5
× t
cyc − 25
ns
Counter address read data access time 3 t
AA3
2.0
× t
cyc − 25
ns
Counter address read data access time 4 t
AA4
2.5
× t
cyc − 25
ns
Counter address read data access time 5 t
AA5
3.0
× t
cyc − 25
ns
Counter address read data access time 6 t
AA6
4.0
× t
cyc − 25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com