Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 191Page - Renesas Technology Corp H8S/2426R Datasheet HTML 192Page - Renesas Technology Corp H8S/2426R Datasheet HTML 193Page - Renesas Technology Corp H8S/2426R Datasheet HTML 194Page - Renesas Technology Corp H8S/2426R Datasheet HTML 195Page - Renesas Technology Corp H8S/2426R Datasheet HTML 196Page - Renesas Technology Corp H8S/2426R Datasheet HTML 197Page - Renesas Technology Corp H8S/2426R Datasheet HTML 198Page - Renesas Technology Corp H8S/2426R Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 167 of 1270
REJ09B0466-0100
6.3.9
DRAM Control Register (DRAMCR)
DRAMCR is used to make DRAM/synchronous DRAM interface settings.
Note:
The synchronous DRAM interface is not supported by the H8S/2426 Group and H8S/2424
Group.
Bit
Bit Name
Initial Value
R/W
Description
15
OEE
0
R/W
OE Output Enable
The
OE signal used when EDO page mode DRAM
is connected can be output from the (
OE) pin. The
OE signal is common to all areas designated as
DRAM space.
When the synchronous DRAM is connected, the
CKE signal can be output from the (
OE) pin. The
CKE signal is common to the continuous
synchronous DRAM space.
0:
OE/CKE signal output disabled
(
OE)/(CKE) pin can be used as I/O port
1:
OE/CKE signal output enabled
14
RAST
0
R/W
RAS Assertion Timing Select
Selects whether, in DRAM access, the
RAS signal
is asserted from the start of the T
r cycle (rising
edge of
φ) or from the falling edge of φ.
Figure 6.4 shows the relationship between the
RAST bit setting and the
RAS assertion timing.
The setting of this bit applies to all areas
designated as DRAM space.
0:
RAS is asserted from φ falling edge in T
r cycle
1:
RAS is asserted from start of T
r cycle
13
—
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com