Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 195Page - Renesas Technology Corp H8S/2426R Datasheet HTML 196Page - Renesas Technology Corp H8S/2426R Datasheet HTML 197Page - Renesas Technology Corp H8S/2426R Datasheet HTML 198Page - Renesas Technology Corp H8S/2426R Datasheet HTML 199Page - Renesas Technology Corp H8S/2426R Datasheet HTML 200Page - Renesas Technology Corp H8S/2426R Datasheet HTML 201Page - Renesas Technology Corp H8S/2426R Datasheet HTML 202Page - Renesas Technology Corp H8S/2426R Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 171 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
4
EDDS
0
R/W
EXDMAC Single Address Transfer Option
Selects whether full access is always performed or
burst access is enabled when EXDMAC single
address transfer is performed on the
DRAM/synchronous DRAM.
When the BE bit is cleared to 0 in DRAMCR,
disabling DRAM/synchronous DRAM burst
access, EXDMAC single address transfer is
performed in full access mode regardless of the
setting of this bit.
This bit has no effect on other bus master external
accesses or EXDMAC dual address transfers.
0: Full access is always executed
1: Burst access is enabled
3
—
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com