Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 209Page - Renesas Technology Corp H8S/2426R Datasheet HTML 210Page - Renesas Technology Corp H8S/2426R Datasheet HTML 211Page - Renesas Technology Corp H8S/2426R Datasheet HTML 212Page - Renesas Technology Corp H8S/2426R Datasheet HTML 213Page - Renesas Technology Corp H8S/2426R Datasheet HTML 214Page - Renesas Technology Corp H8S/2426R Datasheet HTML 215Page - Renesas Technology Corp H8S/2426R Datasheet HTML 216Page - Renesas Technology Corp H8S/2426R Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 185 of 1270
REJ09B0466-0100
6.4.3
Memory Interfaces
The memory interfaces in this LSI comprise a basic bus interface that allows direct connection of
ROM, SRAM, and so on; an address/data multiplexed I/O interface that allows direct connection
of peripheral LSIs that require address/data multiplexing, a DRAM interface that allows direct
connection of DRAM; a synchronous DRAM interface that allows direct connection of
synchronous DRAM; and a burst ROM interface that allows direct connection of burst ROM. The
interface can be selected independently for each area.
An area for which the basic bus interface is designated functions as normal space. An area for
which the address/data multiplexed I/O interface is designated functions as address/data
multiplexed I/O space, an area for which the DRAM interface is designated functions as DRAM
space, an area for which the synchronous DRAM interface is designated functions as continuous
synchronous DRAM space, and an area for which the burst ROM interface is designated functions
as burst ROM space.
The initial state of each area is basic bus interface, 3-state access space. The initial bus width is
selected according to the operating mode.
Note:
The synchronous DRAM interface is not supported by the H8S/2426 Group and H8S/2424
Group.
(1) Area 0
Area 0 includes on-chip ROM in expanded mode with on-chip ROM enabled and the space
excluding on-chip ROM is external address space, and in expanded mode with on-chip ROM
disabled, all of area 0 is external address space.
When area 0 external space is accessed, the
CS0 signal can be output.
Either the basic bus interface or burst ROM interface can be selected for the memory interface of
area 0.
(2) Area 1
In externally expanded mode, all of area 1 is external address space.
When area 1 external address space is accessed, the
CS1 signal can be output.
Either the basic bus interface or burst ROM interface can be selected for the memory interface of
area 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com