Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 212Page - Renesas Technology Corp H8S/2426R Datasheet HTML 213Page - Renesas Technology Corp H8S/2426R Datasheet HTML 214Page - Renesas Technology Corp H8S/2426R Datasheet HTML 215Page - Renesas Technology Corp H8S/2426R Datasheet HTML 216Page - Renesas Technology Corp H8S/2426R Datasheet HTML 217Page - Renesas Technology Corp H8S/2426R Datasheet HTML 218Page - Renesas Technology Corp H8S/2426R Datasheet HTML 219Page - Renesas Technology Corp H8S/2426R Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 188 of 1270
REJ09B0466-0100
6.5
Basic Bus Interface
The basic bus interface enables direct connection of ROM, SRAM, and so on.
6.5.1
Data Size and Data Alignment
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus
controller has a data alignment function, and when accessing external address space, controls
whether the upper data bus (D15 to D8) or lower data bus (D7 to D0) is used according to the bus
specifications for the area being accessed (8-bit access space or 16-bit access space) and the data
size.
(1) 8-Bit Access Space
Figure 6.8 illustrates data alignment control for the 8-bit access space. With the 8-bit access space,
the upper data bus (D15 to D8) is always used for accesses. The amount of data that can be
accessed at one time is one byte: a word access is performed as two byte accesses, and a longword
access, as four byte accesses.
D15
D8 D7
D0
Upper data bus
Lower data bus
Byte size
Word size
1st bus cycle
2nd bus cycle
Longword
size
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
Figure 6.8 Access Sizes and Data Alignment Control (8-Bit Access Space)
(2) 16-Bit Access Space
Figure 6.9 illustrates data alignment control for the 16-bit access space. With the 16-bit access
space, the upper data bus (D15 to D8) and lower data bus (D7 to D0) are used for accesses. The
amount of data that can be accessed at one time is one byte or one word, and a longword access is
executed as two word accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com