Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 269Page - Renesas Technology Corp H8S/2426R Datasheet HTML 270Page - Renesas Technology Corp H8S/2426R Datasheet HTML 271Page - Renesas Technology Corp H8S/2426R Datasheet HTML 272Page - Renesas Technology Corp H8S/2426R Datasheet HTML 273Page - Renesas Technology Corp H8S/2426R Datasheet HTML 274Page - Renesas Technology Corp H8S/2426R Datasheet HTML 275Page - Renesas Technology Corp H8S/2426R Datasheet HTML 276Page - Renesas Technology Corp H8S/2426R Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 245 of 1270
REJ09B0466-0100
6.8.3
Data Bus
If the ABW2 bit in ABWCR corresponding to an area designated as continuous synchronous
DRAM space is set to 1, areas 2 to 5 are designated as 8-bit continuous synchronous DRAM
space; if the bit is cleared to 0, the areas are designated as 16-bit continuous synchronous DRAM
space. In 16-bit continuous synchronous DRAM space,
×16-bit configuration synchronous DRAM
can be connected directly.
In 8-bit continuous synchronous DRAM space the upper half of the data bus, D15 to D8, is
enabled, while in 16-bit continuous synchronous DRAM space both the upper and lower halves of
the data bus, D15 to D0, are enabled.
Access sizes and data alignment are the same as for the basic bus interface: see section 6.5.1, Data
Size and Data Alignment.
6.8.4
Pins Used for Synchronous DRAM Interface
Table 6.10 shows pins used for the synchronous DRAM interface and their functions.
Since the
CS2 to CS4 pins are in the input state after a reset, set DDR to 1 when RAS, CAS, and
WE signals are output. For details, see section 10, I/O Ports. Set the OEE bit of the DRAMCR
register to 1 when the CKE signal is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com