Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 267Page - Renesas Technology Corp H8S/2426R Datasheet HTML 268Page - Renesas Technology Corp H8S/2426R Datasheet HTML 269Page - Renesas Technology Corp H8S/2426R Datasheet HTML 270Page - Renesas Technology Corp H8S/2426R Datasheet HTML 271Page - Renesas Technology Corp H8S/2426R Datasheet HTML 272Page - Renesas Technology Corp H8S/2426R Datasheet HTML 273Page - Renesas Technology Corp H8S/2426R Datasheet HTML 274Page - Renesas Technology Corp H8S/2426R Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 243 of 1270
REJ09B0466-0100
6.8
Synchronous DRAM Interface
In the H8S/2426R Group, external address space areas 2 to 5 can be designated as continuous
synchronous DRAM space, and synchronous DRAM interfacing performed. The synchronous
DRAM interface allows synchronous DRAM to be directly connected to this LSI. A synchronous
DRAM space of up to 8 Mbytes can be set by means of bits RMTS2 to RMTS0 in DRAMCR.
Synchronous DRAM of CAS latency 1 to 4 can be connected.
Note:
The synchronous DRAM interface is not supported by the H8S/2426 Group and H8S/2424
Group.
6.8.1
Setting Continuous Synchronous DRAM Space
Areas 2 to 5 are designated as continuous synchronous DRAM space by setting bits RMTS2 to
RMTS0 in DRAMCR. The relation between the settings of bits RMTS2 to RMTS0 and
synchronous DRAM space is shown in table 6.8. Possible synchronous DRAM interface settings
are and continuous area (areas 2 to 5).
Table 6.8
Relation between Settings of Bits RMTS2 to RMTS0 and Synchronous DRAM
Space
RMTS2
RMTS1
RMTS0
Area 5
Area 4
Area 3
Area 2
0
1
Normal space
Normal space
Normal space
DRAM space
0
Normal space
Normal space
DRAM space
DRAM space
0
1
1
DRAM space
DRAM space
DRAM space
DRAM space
0
Continuous synchronous DRAM space
0
1
Mode settings of synchronous DRAM
0
Reserved (setting prohibited)
1
1
1
Continuous DRAM space
With continuous synchronous DRAM space,
CS2, CS3, CS4 pins are used as RAS, CAS, WE
signal. The (
OE) pin of the synchronous DRAM is used as the CKE signal, and the CS5 pin is
used as synchronous DRAM clock (SDRAM
φ). The bus specifications for continuous
synchronous DRAM space conform to the settings for area 2. The pin wait and program wait for
the continuous synchronous DRAM are invalid.
Commands for the synchronous DRAM can be specified by combining
RAS, CAS, WE, and
address-precharge-setting command (Precharge-sel) output on the upper column addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com