Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 263Page - Renesas Technology Corp H8S/2426R Datasheet HTML 264Page - Renesas Technology Corp H8S/2426R Datasheet HTML 265Page - Renesas Technology Corp H8S/2426R Datasheet HTML 266Page - Renesas Technology Corp H8S/2426R Datasheet HTML 267Page - Renesas Technology Corp H8S/2426R Datasheet HTML 268Page - Renesas Technology Corp H8S/2426R Datasheet HTML 269Page - Renesas Technology Corp H8S/2426R Datasheet HTML 270Page - Renesas Technology Corp H8S/2426R Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 239 of 1270
REJ09B0466-0100
In some DRAMs provided with a self-refresh mode, the
RAS signal precharge time immediately
after self-refreshing is longer than the normal precharge time. A setting can be made in bits
TPCS2 to TPCS0 in REFCR to make the precharge time immediately after self-refreshing from 1
to 7 states longer than the normal precharge time. In this case, too, normal precharging is
performed according to the setting of bits TPC1 and TPC0 in DRACCR, and therefore a setting
should be made to give the optimum post-self-refresh precharge time, including this time. Figure
6.52 shows an example of the timing when the precharge time immediately after self-refreshing is
extended by 2 states.
DRAM space write
TRc3
TRp1
TRp2
Tp
Tr
Software
standby
Tc1
Tc2
Note: n = 2 to 5
RASn (CSn)
UCAS, LCAS
OE (RD)
WR (HWR)
Data bus
Address bus
φ
Figure 6.52 Example of Timing when Precharge Time after Self-Refreshing Is Extended
by 2 States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com