Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 264Page - Renesas Technology Corp H8S/2426R Datasheet HTML 265Page - Renesas Technology Corp H8S/2426R Datasheet HTML 266Page - Renesas Technology Corp H8S/2426R Datasheet HTML 267Page - Renesas Technology Corp H8S/2426R Datasheet HTML 268Page - Renesas Technology Corp H8S/2426R Datasheet HTML 269Page - Renesas Technology Corp H8S/2426R Datasheet HTML 270Page - Renesas Technology Corp H8S/2426R Datasheet HTML 271Page - Renesas Technology Corp H8S/2426R Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 240 of 1270
REJ09B0466-0100
(3) Refreshing and All-Module-Clocks-Stopped Mode
In this LSI, if the ACSE bit is set to 1 in MSTPCRH, and then a SLEEP instruction is executed
with the setting for all peripheral module clocks to be stopped (MSTPCR = H'FFFF, EXMSTPCR
= H'FFFF) or for operation of the 8-bit timer module alone (MSTPCR = H'FFFE, EXMSTPCR =
H'FFFF), and a transition is made to the sleep state, the all-module-clocks-stopped mode is
entered, in which the bus controller and I/O port clocks are also stopped. As the bus controller
clock is also stopped in this mode, CBR refreshing is not executed. If DRAM is connected
externally and DRAM data is to be retained in sleep mode, the ACSE bit must be cleared to 0 in
MSTPCRH.
6.7.13
DMAC and EXDMAC Single Address Transfer Mode and DRAM Interface
When burst mode is selected on the DRAM interface, the
DACK and EDACK output timing can
be selected with the DDS and EDDS bits in DRAMCR. When DRAM space is accessed in DMAC
or EXDMAC single address mode at the same time, these bits select whether or not burst access is
to be performed.
(1) When DDS = 1 or EDDS = 1
Burst access is performed by determining the address only, irrespective of the bus master. With
the DRAM interface, the
DACK or EDACK output goes low from the T
c1 state.
Figure 6.53 shows the
DACK or EDACK output timing for the DRAM interface when DDS = 1 or
EDDS = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com