Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 300Page - Renesas Technology Corp H8S/2426R Datasheet HTML 301Page - Renesas Technology Corp H8S/2426R Datasheet HTML 302Page - Renesas Technology Corp H8S/2426R Datasheet HTML 303Page - Renesas Technology Corp H8S/2426R Datasheet HTML 304Page - Renesas Technology Corp H8S/2426R Datasheet HTML 305Page - Renesas Technology Corp H8S/2426R Datasheet HTML 306Page - Renesas Technology Corp H8S/2426R Datasheet HTML 307Page - Renesas Technology Corp H8S/2426R Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 276 of 1270
REJ09B0466-0100
T1
Upper address bus
Lower address bus
φ
CSn
AS
Data bus
T2
T1
T1
Full access
RD
Burst access
Note: n = 1 and 0
Figure 6.76 Example of Burst ROM Access Timing
(ASTn = 0, 1-State Burst Cycle)
6.9.2
Wait Control
As with the basic bus interface, either program wait insertion or pin wait insertion using the
WAIT
pin can be used in the initial cycle (full access) on the burst ROM interface. See section 6.5.4,
Wait Control. Wait states cannot be inserted in a burst cycle.
6.9.3
Write Access
When a write access to burst ROM space is executed, burst access is interrupted at that point and
the write access is executed in line with the basic bus interface settings. Write accesses are not
performed in burst mode even though burst ROM space is designated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com