Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 307 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 307 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 303Page - Renesas Technology Corp H8S/2426R Datasheet HTML 304Page - Renesas Technology Corp H8S/2426R Datasheet HTML 305Page - Renesas Technology Corp H8S/2426R Datasheet HTML 306Page - Renesas Technology Corp H8S/2426R Datasheet HTML 307Page - Renesas Technology Corp H8S/2426R Datasheet HTML 308Page - Renesas Technology Corp H8S/2426R Datasheet HTML 309Page - Renesas Technology Corp H8S/2426R Datasheet HTML 310Page - Renesas Technology Corp H8S/2426R Datasheet HTML 311Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 279 of 1270
REJ09B0466-0100
(3) Read after Write
If an external read occurs after an external write while the ICIS2 bit is set to 1 in BCR, an idle
cycle is inserted at the start of the read cycle.
Figure 6.79 shows an example of the operation in this case. In this example, bus cycle A is a CPU
write cycle and bus cycle B is a read cycle from an external device. In (a), an idle cycle is not
inserted, and a collision occurs in bus cycle B between the CPU write data and read data from an
external device. In (b), an idle cycle is inserted, and a data collision is prevented.
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
T2
Bus cycle B
Long output floating time
Data collision
(a) No idle cycle insertion
(ICIS2 = 0)
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
Bus cycle B
(b) Idle cycle insertion
(ICIS2 = 1, initial value)
T2
HWR
HWR, LWR
CS (area A)
CS (area B)
CS (area A)
CS (area B)
Idle cycle
Ti
Figure 6.79 Example of Idle Cycle Operation (Read after Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com